PART |
Description |
Maker |
LTC1666 166678F LTC1666CG LTC1667CG LTC1667IG LTC1 |
12-Bit, 14-Bit, 16-Bit, 50Msps DACs From old datasheet system 12-bit 50Msps DAC
|
LINER[Linear Technology]
|
PI74AVC164245LAA PI74AVC164245LAK |
12-Bit, 50Msps ADC; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C BUS TRANSCEIVER|DUAL|8-BIT|AVC/ALVC-CMOS|TSSOP|48PIN|PLASTIC 总线收发器|双| 8位|的AVC / ALVC全CMOS | TSSOP封装| 48PIN |塑料
|
Pericom Semiconductor, Corp.
|
HI2302_05 HI2302 HI2302JCQ HI230205 |
8-Bit, 50MSPS, Video A/D Converter with Clamp Function
|
INTERSIL[Intersil Corporation]
|
MAX143411 |
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
|
Maxim Integrated Products
|
24C016 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution Inc
|
M410000027 M410000022 M41000001Z M41000001W |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM 32兆位个M × 8 2米x 16位).0伏的CMOS只,同时作业闪存兆位12亩x 8-Bit/256亩x 16位),静态存储器
|
Advanced Micro Devices, Inc.
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X10A W25X10AVDAIZ W25X10AVSNIG W25X10AVZPIG |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X80VZPIZ W25X10 W25X10_07 W25X10VDAC W25X10VDAC |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
WINBOND[Winbond]
|
W25X20AVDAIZ W25X40AVDAIZ W25X80AVDAIZ W25X40AVSNI |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|